PART |
Description |
Maker |
IRG4PC50U IRG4PC50U-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD 55 A, 600 V, N-CHANNEL IGBT, TO-247AC 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.65V的,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IXSQ10N60B2D1 IXSH10N60B2D1 |
20 A, 600 V, N-CHANNEL IGBT TO-3P, 3 PIN 20 A, 600 V, N-CHANNEL IGBT, TO-247AD
|
IXYS, Corp. IXYS CORP
|
IXGR50N60B2D1 IXGR50N60B2 |
IGBT Discretes: Mid-Frequency Range (15KHz-40KHz) Types Single IGBT 68 A, 600 V, N-CHANNEL IGBT ISOPLUS247, 3 PIN
|
IXYS, Corp.
|
SGH80N60UFD SGH80N60UFDTU |
Discrete, High Performance IGBT with Diode Ultrafast IGBT 240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 80 A, 600 V, N-CHANNEL IGBT
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
SGF23N60UFD SGF23N60UFDTU |
240 x 320 pixel format (Portrait Mode), CFL Backlight available with power harness 23 A, 600 V, N-CHANNEL IGBT Ultra-Fast IGBT Discrete, High Performance IGBT
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CM75DY-12H |
Dual IGBTMOD 75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. Powerex Power Semiconductors
|
CM50DY-12H |
Dual IGBTMOD 50 Amperes/600 Volts 50 A, 600 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
RJH60D1DPE-00-J3 RJH60D1DPE |
16 A, 600 V, N-CHANNEL IGBT SC-83, LDPAK-3 Silicon N Channel IGBT Application: Inverter
|
Renesas Electronics Corporation
|
RJH60C9DPD-00-J2 RJH60C9DPD |
10 A, 600 V, N-CHANNEL IGBT SC-63, DPAK-3 Silicon N Channel IGBT Application: Inverter
|
Renesas Electronics Corporation
|
PHMB300A6 |
IGBT MODULE Single 300A 600V 300 A, 600 V, N-CHANNEL IGBT
|
Nihon Inter Electronics, Corp. NIEC[Nihon Inter Electronics Corporation]
|
SGH10N60RUFD |
Short Circuit Rated IGBT(短路电流额定的绝缘栅双极晶体IGBT)) 16 A, 600 V, N-CHANNEL IGBT
|
Fairchild Semiconductor, Corp.
|